PART |
Description |
Maker |
EDI8F32259C EDI8F32259C-MM EDI8F32259C-MN EDI8G322 |
256Kx32 Static RAM CMOS, High Speed Module(256Kx8 CMOS高速静态RAM模块) High Speed, Single Channel, Power MOSFET Driver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R TFT-LCD DC/DC with Integrated Amplifiers; Temperature Range: -40°C to 85°C; Package: 32-QFN T&R SRAM模块
|
White Electronic Designs Corporation
|
EDI8F32259C35MNC EDI8F32259C35MMC EDI8G32259B12MZC |
High Speed, Single Channel, Power MOSFET Driver; Temperature Range: -40°C to 85°C; Package: 8-PDIP x32 SRAM Module TFT-LCD DC/DC with Integrated Amplifiers; Temperature Range: -40°C to 85°C; Package: 32-QFN T&R X32号的SRAM模块
|
Integrated Device Technology, Inc. Samsung Semiconductor Co., Ltd.
|
ISL29020IROZ-T7 |
A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface; Temperature Range: -40°C to 85°C; Package: 6-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO6
|
Intersil, Corp.
|
MAX6416 MAX6418 MAX6412 MAX6413UK37-T MAX6413UK38- |
330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable; Temperature Range: -40°C to 85°C; Package: 8-PDIP " Low-Power, Single/Dual-Voltage ?P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay" Dual Long-Tailed Pair Transistor Array; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R 380MHz, SOT-23, Low Power Current Feedback Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 12-Bit, 80 MSPS, High Speed Video D/A Converter; Temperature Range: 0°C to 70°C; Package: 28-SOIC Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection; Temperature Range: -40°C to 85°C; Package: 28-SOIC 380MHz, SOT-23, Low Power Current Feedback Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Gilbert Cell UHF Transistor Array; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 850MHz, Low Distortion Programmable Gain Buffer Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 330MHz, Low Power, Current Feedback Video Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 10-Bit, 40MSPS A/D Converter with CMOS Outputs; Temperature Range: 0°C to 70°C; Package: 28-SOIC T&R 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 8-Bit, 165/125/60MSPS, High Speed D/A Converter; Temperature Range: -40°C to 85°C; Package: 28-TSSOP T&R 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Complete, 12-Bit A/D Converters with Microprocessor Interface; Temperature Range: See Datasheet; Package: 28-PDIP 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 12-Bit, Low Cost, Monolithic D/A Converters; Temperature Range: 0°C to 70°C; Package: 24-PDIP 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 360MHz, Low Power, Video Operational Amplifier with Output Limiting; Temperature Range: -40°C to 85°C; Package: 8-SOIC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Dual Long-Tailed Pair Transistor Array; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R
|
Maxim Integrated Products, Inc. 电源管理 MAXIM INTEGRATED PRODUCTS INC
|
ISL76161 ISL76161AVZ ISL76161AVZ-T ISL76161AVZ-TK |
12-Bit, 3.3V, 130MSPS, High Speed D/A Converter; Temperature Range: -25°C to 85°C; Package: 28-TSSOP T&R PARALLEL, WORD INPUT LOADING, 12-BIT DAC, PDSO28
|
Intersil Corporation Intersil, Corp.
|
ISL55141IRZ ISL55141IVZ ISL551410607 ISL55142IRZ I |
High-Speed 18V CMOS Comparators; Temperature Range: -40°C to 85°C; Package: 36-QFN T&R COMPARATOR, 50000 uV OFFSET-MAX, 9.5 ns RESPONSE TIME, PQCC36 High-Speed 18V CMOS Comparators; Temperature Range: -40°C to 85°C; Package: 14-TSSOP T&R COMPARATOR, 50000 uV OFFSET-MAX, 9.5 ns RESPONSE TIME, PDSO14
|
Intersil, Corp. Intersil Corporation
|
ISL54212IRTZ ISL54212IRTZ-T ISL54212IRUZ-T ISL5421 |
MP3/USB 2.0 High Speed Switch with Negative Signal Handling; Temperature Range: -40°C to 85°C; Package: 10-TDFN T&R 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO10
|
Intersil Corporation Intersil, Corp.
|
ISL9104IRUNZ-T ISL9104IRUBZ-T |
500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter; Temperature Range: -40°C to 85°C; Package: 6-uTDFN T&R 1.35 A SWITCHING REGULATOR, 4900 kHz SWITCHING FREQ-MAX, PQCC6
|
Intersil, Corp. INTERSIL CORP
|
AD7492AR AD7492ARU-5 AD7492BR AD7492BRU-5 AD749201 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 500kHz High Efficiency 3A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C 1MSPS, 4mW Internal Ref & Clk, 12-Bit Parallel ADC 1MSPS, 4mW Internal Ref & Clk, 12-Bit Parallel ADC IC,A/D CONVERTER,SINGLE,12-BIT,SOP,24PIN 1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC 500kHz High Efficiency 3A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 500kHz High Efficiency 3A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS A/D CONVERTER A / D转换 500kHz High Efficiency 6A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C 的A / D转换
|
Analog Devices Inc NEC, Corp. Electronic Theatre Controls, Inc.
|
PIC16LFR711-20I/SS PIC16FR71-16I/SO PIC16LFR71-16I |
Micropower, Dual and Quad, Single Supply, Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Noise, High Speed Precision Operational Amplifiers; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower DC/DC Converter Adjustable and Fixed 5V, 12V; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Precision 5 Volt Reference; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower Low Dropout Regulators with Shutdown; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C 5-LED Main/Sub Display Driver with Dual LDO; Package: QFN; No of Pins: 20; Temperature Range: -40°C to 125°C Fast Settling, JFET Input Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C 微控制器 Microcontroller 微控制器 Precision 5 Volt Reference; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 微控制器 Quad Protected High-Side MOSFET Driver; Package: PDIP; No of Pins: 20; Temperature Range: 0°C to 70°C 微控制器 1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 微控制器 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 微控制器 Precision 5 Volt Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 微控制器
|
外设及接 TDK, Corp. NIC Components, Corp. TE Connectivity, Ltd. Silicon Storage Technology, Inc.
|
MAX6400-BMAX6405 MAX6400-MAX6405 MAX6405BS__-T MAX |
100MHz Current Feedback Video Amplifier With Disable; Temperature Range: 0°C to 70°C; Package: 8-SOIC 57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier; Temperature Range: -40°C to 85°C; Package: 16-SOIC Low Power UniSLIC14 Family; Temperature Range: -40°C to 85°C; Package: 28-PLCC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 110MHz, High Slew Rate, High Output Current Buffer; Temperature Range: 0°C to 70°C; Package: 8-CerDIP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 Dual 125MHz Video Current Feedback Amplifier; Temperature Range: -40°C to 85°C; Package: 8-PDIP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 3.2 Microsecond Sample and Hold Amplifiers; Temperature Range: 0°C to 70°C; Package: 14-SOIC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 Precision Quad Comparators; Temperature Range: 0°C to 70°C; Package: 16-SOIC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 1 Microsecond Precision Sample and Hold Amplifier; Temperature Range: 0°C to 70°C; Package: 16-SOIC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 Low Power UniSLIC14 Family; Temperature Range: 0°C to 70°C; Package: 28-PLCC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 µP Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 120MHz, Low Power, 8x8 Video Crosspoint Switch; Temperature Range: 0°C to 70°C; Package: 44-PLCC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R 400MHz, 4x1 Video Crosspoint Switch; Temperature Range: 0°C to 70°C; Package: 16-QSOP T&R Low Power UniSLIC14 Family; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R 480MHz, Video Buffer with Output Disable; Temperature Range: 0°C to 70°C; Package: 6-SOT-23 T&R 330MHz, 4x1 Video Crosspoint Switch With Tally Outputs; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R 480MHz, Video Buffer with Output Disable; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R Low Cost SLIC For Large Telecom Switches; Temperature Range: 0°C to 70°C; Package: 32-QFN T&R Low Power UniSLIC14 Family; Temperature Range: -40°C to 85°C; Package: 28-PLCC T&R 400MHz, 4x1 Video Crosspoint Switch; Temperature Range: 0°C to 70°C; Package: 14-SOIC T&R Low Cost SLIC For Large Telecom Switches; Temperature Range: 0°C to 70°C; Package: 24-SOIC Low Power UniSLIC14 Family; Temperature Range: -40°C to 85°C; Package: 28-SOIC 480MHz, Video Buffer with Output Disable; Temperature Range: 0°C to 70°C; Package: 8-PDIP TR909 DLC/FLC SLIC With Low Power Standby; Temperature Range: -40°C to 85°C; Package: 28-PLCC μP Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package 渭P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package レP Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package µP Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
|
MAXIM INTEGRATED PRODUCTS INC 电源管理 Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
HI5728IN-T |
10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter; Temperature Range: -40°C to 85°C; Package: 48-MQFP T&R DUAL, PARALLEL, WORD INPUT LOADING, 35 us SETTLING TIME, 10-BIT DAC, PQFP48
|
Intersil, Corp.
|
|